PART |
Description |
Maker |
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
CRS01 |
Schottky Barrier Rectifier Schottky Barrier Type High Speed Rectifier Applications
|
TOSHIBA
|
U3FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
SS100 SS14 SS13 SS12 SS16 S100 |
Surfase mount schottky barrier rectifier. Max recurrent peak reverse voltage 100 V. Max average forward current 1.0 A. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
PanJit International Inc. PanJit Semiconductors Pan Jit International Inc.
|
50SQ080 50SQ100 50SQ030 50SQ035 50SQ040 50SQ045 50 |
5 AMP SCHOTTKY POWER RECTIFIER V(rrm): 35V; 5A schottky barrier rectifier V(rrm): 40V; 5A schottky barrier rectifier
|
IRF[International Rectifier]
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|